Part Number Hot Search : 
0100A 2PF140 F1003 50010 LA4510 HMC969 FT232 GRM155
Product Description
Full Text Search
 

To Download L3WSRSGWCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1(3mm) BI-COLOR INDICATOR LAMPS
L3WEGW HIGH EFFICIENCY RED / GREEN
L3WSRSGW/CC SUPER BRIGHT RED / SUPER BRIGHT GREEN L3WSURKMGKW HYPER RED / MEGA GREEN
Features
!UNIFORM !LOW
Description
LIGHT OUTPUT. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green and Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Hyper Red and Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
POWER CONSUMPTION. WHITE DIFFUSION LENS. COLOR (MIXED COLOR) AVAILABLE. BRIGHT VERSION AVAILABLE.
!MILKY !3
LEADS WITH ONE COMMON LEAD.
!THIRD
!SUPER !I.C.
COMPATIBLE. LIFE - SOLID STATE RELIABILITY.
!LONG
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0787 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 1 OF 4
Selection Guide
Par t No . Di c e HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT GREEN (GaP) HYPER RED (InGaAlP) MEGA GREEN (InGaAlP) L en s Ty p e Iv (mc d ) @ 20 mA Min . L3WEGW WHITE DIFFUSED 12 12 70 12 110 36 Ty p . 40 35 150 35 240 90 View in g An g l e 21/2 60
L3WSRSGW/CC
WHITE DIFFUSED
60
L3WSURKMGKW
WHITE DIFFUSED
60
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par ameter Dev ic e High Efficiency Red Green Super Bright Red Super Bright Green Hyper Red Mega Green High Efficiency Red Green Super Bright Red Super Bright Green Hyper Red Mega Green Ty p . 627 565 660 565 640 574 625 568 640 568 630 570 45 30 20 30 28 20 15 15 45 15 35 15 2.0 2.2 1.85 2.2 1.95 2.1 2.5 2.5 2.5 2.5 2.5 2.5 10 Max . Un i t s Tes t Co n d itio n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Green Super Bright R d Spectral Line Halfwidth Super Bright Geeen r Hyper Red Mega Green High Efficiency Red Green Super Bright Red Super Bright Green Hyper Red Mega Green High Efficiency Red Green Super Bright Red Super Bright Green Hyper Red Mega Green All
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF
Forward Voltage
V
IF=20mA
IR
Reverse Current
uA
VR = 5V
SPEC NO: CDA0787 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 2 OF 4
Absolute Maximum Ratings at T)=25C
Par ameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
Hi g h Effic ien c y Red 105 30 160 5
Gr een 105 25 140 5
Su p er B r ig h t Red 100 30 155 5
Su p er B r ig h t Gr een 105 25 140 5 -40C To +85C
Hy p er Red 170 30 185 5
Meg a Gr een 105 30 205 5
Un i t s mW mA mA V
260C For 5 Seconds
High Efficiency Red / Green L3WEGW
SPEC NO: CDA0787 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 3 OF 4
Super Bright Red / Super Bright Green L3WSRSGW/CC
Hyper Red / Mega Green L3WSURKMGKW
SPEC NO: CDA0787 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: Y.F.XU
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of L3WSRSGWCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X